Part Number Hot Search : 
07416 AT90S23 RN4988FS DTU19P10 N4757A MAJ4469 BC846B VCO19
Product Description
Full Text Search
 

To Download BD533 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD533/535/537
DESCRIPTION *With TO-220C package *Complement to type BD534/536/538 *Low saturation voltage APPLICATIONS *For medium power linear and switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER BD533 VCBO Collector-base voltage BD535 BD537 BD533 VCEO Collector-emitter voltage BD535 BD537 VEBO IC IE IB PC Tj Tstg Emitter-base voltage Collector current Emitter current Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 45 60 80 45 60 80 5 8 8 1 50 150 -65~150 V A A A W V V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD533/535/537
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage BD533 ICBO Collector cut-off current BD535 BD537 BD533 ICES Collector cut-off current BD535 BD537 IEBO Emitter cut-off current BD533/535 hFE-1 DC current gain BD537 hFE-2 DC current gain DC current gain (All device) Group: J IC=2A ; VCE=2V Group: K Group: J IC=3A ; VCE=2V Group: K IC=0.5A ; VCE=1V 20 3 12 MHz 40 15 100 IC=0.5A ; VCE=2V IC=10mA ; VCE=5V 15 40 30 75 CONDITIONS IC=2 A;IB=0.2 A IC=6 A;IB=0.6 A IC=2A ; VCE=2V VCB=45V; IE=0 VCB=60V; IE=0 VCB=80V; IE=0 VCE=45V; VBE=0 VCE=60V; VBE=0 VCE=80V; VBE=0 VEB=5V; IC=0 20 1 mA 0.1 mA 0.1 mA 0.8 1.5 MIN TYP. MAX 0.8 UNIT V V V SYMBOL VCEsat-1 VCEsat-2 VBE
hFE-3
hFE-4
DC current gain (All device) Transition frequency
fT
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BD533/535/537
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of BD533

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X